PART |
Description |
Maker |
K6F2016V4E K6F2016V4E-EF55 K6F2016V4E-EF70 K6F2016 |
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
K6T1008V2C K6T1008V2C-B K6T1008V2C-D K6T1008V2C-F |
128K x8 bit Low Power and Low Voltage CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
BS616LV2017 BS616LV2017EIP70 BS616LV2017AC BS616LV |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16 FF-SR2 Series, Two-hand Control, 24 Vdc 非常低功电压CMOS SRAM28K的16 LM49370 Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers Marine Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood Beam Pattern, 12 Vdc/50 W/4 A, Flush mounting Asynchronous 2M(128Kx16) bits Static RAM
|
Brilliance Semiconducto... Honeywell International, Inc. BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
EM620FU16B EM624FS16AT-10LL EM644FS16AT-10LL EM624 |
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc Emerging Memory & Logic...
|
BS616UV2021DC BS616UV2021 BS616UV2021AC BS616UV202 |
10ns ultra low power/voltage CMOS SRAM 128K x 16 or 256K x 8bit switchable Ultra Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable Hex Buffer/Driver With Open-Drain Outputs 14-TSSOP -40 to 85
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
AS6C8008 |
512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
BS616LV2015 BS616LV2015TI BS616LV2015AC BS616LV201 |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit Plug-In Relay; Contacts:SPST-NO; Contact Carry Current:30A; Coil Voltage AC Max:24V; Relay Mounting:Plug-In; Relay Terminals:Screw; Coil Resistance:11.5ohm; Coil Power VAC:9.5VA RoHS Compliant: Yes 非常低功电压CMOS SRAM28K的16 Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
K6F2016U4G K6F2016U4G-F K6F2016U4G-FF55 K6F2016U4G |
2Mb(128K x 16 bit) Low Power SRAM
|
http:// SAMSUNG[Samsung semiconductor]
|
BS62LV1027TIP70 BS62LV1027SIP70 BS62LV1027TCP70 BS |
Very Low Power CMOS SRAM 128K X 8 bit
|
Brilliance Semiconducto...
|
BS616LV2010 BS616LV2010EC BS616LV2010EI |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor]
|
KM681000CLTI-7L KM681000CL KM681000CL-L KM681000CL |
128K x8 bit Low Power CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|